|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Raychem Corporation 300 Constitution Drive Menlo Park, CA 94025 800-227-4856 FAX 800-227-4866 R PolySwitch(R) PTC Devices Resettable Fuse PRODUCT: RTE135 DOCUMENT: SCD 24308 PCN: 961293 REV LETTER: B REV DATE: MARCH 26, 1999 PAGE NO.: 1 OF 1 Specification Status:RELEASED Electrical Rating Voltage: 33V MAX Current: 40A MAX Insulating Material: Cured, Flame Retarded Epoxy Polymer meets UL94 V-0 Requirements Lead Material: 24 AWG Tin/Lead Plated Copper Clad Steel Marking: Raychem Logo and Voltage Part Identification Lot Identification (can be on back) 33 T135 TABLE I. DIMENSIONS: A B MIN MAX MIN MAX -7.4 -14.2 -(0.29) -(0.56) *Rounded off approximation C MIN 4.3 (0.17) MAX 5.8 (0.23) MIN 7.6 (0.30) D MAX --MIN --E MAX 3.0 (0.12) F TYP --- mm: in*: TABLE II. PERFORMANCE RATINGS: I HOLD* ONE-HOUR NOMINAL TRIPPED POST-TRIP POWER RESISTANCE DISSIPATION* STANDARD TRIP AMPS AMPS SECONDS AT OHMS SECONDS WATTS AT 20C AT 20C 20C, 6.75A AT 20C AT 20C 20C HOLD HOLD TRIP MAX MIN MAX MAX 1.35 1.35 2.5 4.5 0.059 0.100 0.143 0.84 * Values specified were determined using PCB's w/ 0.050 x 1oz Cu traces RATINGS TIME TO TRIP* RESISTANCE Recognitions: Reference Documents: Precedence: Effectivity: CAUTION: UL/CSA/TUV pending PS300 This specification takes precedence over documents referenced herein. Reference documents shall be the issue in effect on the date of invitation for bid. Operation beyond the rated voltage or current may result in rupture, electrical arcing or flame. |
Price & Availability of RTE135 |